Part Number Hot Search : 
R5F21 5C220 01NF08 PB4006 THC929 ICS9526 74HCT30 2SD2152Q
Product Description
Full Text Search
 

To Download MOC3051-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
PACKAGE
MOC3052-M
SCHEMATIC
ANODE 1
6 MAIN TERM.
6 6 1 1
N/C 3 4 MAIN TERM. CATHODE 2 5 NC*
*DO NOT CONNECT (TRIAC SUBSTRATE)
6
1
DESCRIPTION
The MOC3051-M and MOC3052-M consist of a AlGaAs infrared emitting diode optically coupled to a non-zero-crossing silicon bilateral AC switch (triac). These devices isolate low voltage logic from 115 and 240 Vac lines to provide random phase control of high current triacs or thyristors. These devices feature greatly enhanced static dv/dt capability to ensure stable switching performance of inductive loads.
FEATURES
* * * * * Excellent IFT stability--IR emitting diode has low degradation High isolation voltage--minimum 7500 peak VAC Underwriters Laboratory (UL) recognized--File #E90700 600V peak blocking voltage VDE recognized (File #94766) - Ordering option V (e.g. MOC3023V-M)
APPLICATIONS
* * * * * * * * Solenoid/valve controls Lamp ballasts Static AC power switch Interfacing microprocessors to 115 and 240 Vac peripherals Solid state relay Incandescent lamp dimmers Temperature controls Motor controls
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Parameters TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Junction Temperature Range Isolation Surge Voltage(3) (peak AC voltage, 60Hz, 1 sec duration) Total Device Power Dissipation @ 25C Derate above 25C EMITTER Continuous Forward Current Reverse Voltage Total Power Dissipation 25C Ambient Derate above 25C DETECTOR Off-State Output Terminal Voltage Peak Repetitive Surge Current (PW = 100 ms, 120 pps) Total Power Dissipation @ 25C Ambient Derate above 25C VDRM ITSM PD All All All 600 1 300 4 V V mW mW/C IF VR PD All All All 60 3 100 1.33 mA V mW mW/C TSTG TOPR TSOL TJ VISO PD All All All All All All -40 to +150 -40 to +85 260 for 10 sec -40 to +100 7500 330 4.4 C C C C Vac(pk) mW mW/C Symbol Device Value Units
MOC3052-M
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
ELECTRICAL CHARACTERISTICS (TA = 25C Unless otherwise specified) INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters EMITTER Input Forward Voltage Reverse Leakage Current DETECTOR Peak Blocking Current, Either Direction Peak On-State Voltage, Either Direction Critical Rate of Rise of Off-State Voltage VDRM, IF = 0 (note 1) ITM = 100 mA peak, IF = 0 IF = 0 (figure 7, @400V) IDRM VTM dv/dt All All All 1000 10 1.7 100 2.5 nA V V/s IF = 10 mA VR = 3 V VF IR All All 1.15 0.05 1.5 100 V A Test Conditions Symbol Device Min Typ* Max Units
MOC3052-M
TRANSFER CHARACTERISTICS (TA = 25C Unless otherwise specified.)
DC Characteristics LED Trigger Current, either direction Holding Current, Either Direction *Typical values at TA = 25C Note 1. Test voltage must be applied within dv/dt rating. 2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max 15 mA for MOC3051, 10 mA for MOC3052 and absolute max IF (60 mA). 3. Isolation surge votlage, VISO, is an internal device breakdown rating. For this text, pins 1 and 2 are common, and pins 4, 5 and 6 are common. Test Conditions Main terminal Voltage = 3V (note 2) Symbol IFT IH Device MOC3051-M MOC3052-M All 280 Min Typ* Max 15 10 Units mA A
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
Figure. 1 LED Forward Voltage vs. Forward Current
1.8
MOC3052-M
Figure. 2 On-State Characteristics
800
1.7
600
ON-STATE CURRENT - ITM (mA)
VF - FORWARD VOLTAGE (V)
1.6
400
1.5
200
1.4
0
TA = -55oC
-200
1.3
TA = 25oC
-400
1.2
TA = 100oC
-600
1.1
-800
1.0 1 10 100
-3
-2
-1
0
1
2
3
ON-STATE VOLTAGE - VTM (V)
IF - LED FORWARD CURRENT (mA)
Figure. 3 Trigger Current vs. Ambient Temperature
1.4
Figure. 4 LED Current Required to Trigger vs. LED Pulse Width
IFT, NORMALIZED LED TRIGGER CURRENT 25 NORMALIZED TO: PWin 100 s
1.3
TRIGGER CURRENT - I FT (NORMALIZED)
20
1.2
15
1.1
10
1.0
5
0.9
0
0.8
1
2
5
10
20
50
100
PWin, LED TRIGGER PULSE WIDTH (s)
0.7 NORMALIZED TO TA = 25C 0.6 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE - TA (oC)
IF versus Temperature (normalized)
This graph (figure 3) shows the increase of the trigger current when the device is expected to operate at an ambient temperature below 25C. Multiply the normalized IFT shown this graph with the data sheet guaranteed IFT. Example: TA = -40C, IFT = 10 mA IFT @ -40C = 10 mA x 1.4 = 14 mA
sine wave. Phase control may be accomplished by an AC line zero cross detector and a variable pulse delay generator which is synchronized to the zero cross detector. The same task can be accomplished by a microprocessor which is synchronized to the AC zero crossing. The phase controlled trigger current may be a very short pulse which saves energy delivered to the input LED. LED trigger pulse currents shorter than 100 s must have an increased amplitude as shown on Figure 4. This graph shows the dependency of the trigger current IFT versus the pulse width can be seen on the chart delay t(d) versus the LED trigger current. IFT in the graph IFT versus (PW) is normalized in respect to the minimum specified IFT for static condition, which is specified in the device characteristic. The normalized IFT has to be multiplied with the devices guaranteed static trigger current. Example: Guaranteed IFT = 10 mA, Trigger pulse width PW = 3 s IFT (pulsed) = 10 mA x 5 = 50 mA
Phase Control Considerations LED Trigger Current versus PW (normalized)
Random Phase Triac drivers are designed to be phase controllable. They may be triggered at any phase angle within the AC
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M MOC3052-M
Minimum LED Off Time in Phase Control Applications
AC SINE
0
180
LED PW LED CURRENT
LED TURN OFF MIN 200 s
Figure 5. Minimum Time for LED Turn-Off to Zero Cross of AC Trailing Edge
In Phase control applications one intends to be able to control each AC sine half wave from 0 to 180 degrees. Turn on at zero degrees means full power and turn on at 180 degree means zero power. This is not quite possible in reality because triac driver and triac have a fixed turn on time when activated at zero degrees. At a phase control angle close to 180 degrees the driver's turn on pulse at the trailing edge of the AC sine wave must be limited to end 200 ms before AC zero cross as shown in Figure 5. This assures that the triac driver has time to switch off. Shorter times may cause loss of control at the following half cycle.
Figure. 7 Leakage Current, I DRM vs. Temperature
10000
Figure. 6 Holding Current, I H vs. Temperature
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 - 40 - 30 - 20 -10 0 10 20 30 40 50 60 70 80
0.1 -40
IH, HOLDING CURRENT (mA)
IDRM LEAKAGE CURRENT (nA) ,
1000
100
10
1
TA , AMBIENT TEMPERATURE (oC)
-20
0
20
40
60
80
100
TA , AMBIENT TEMPERATURE (oC)
IFT versus dv/dt
Figure. 8 LED Trigger Current, I FT vs. dv/dt
IFT, LED TRIGGER CURRENT (NORMALIZED) 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.001 0.01 0.1 1 10 100 1000 10000 NORMALIZED TO: IFT at 3 V
Triac drivers with good noise immunity (dv/dt static) have internal noise rejection circuits which prevent false triggering of the device in the event of fast raising line voltage transients. Inductive loads generate a commutating dv/dt that may activate the triac drivers noise suppression circuits. This prevents the device from turning on at its specified trigger current. It will in this case go into the mode of "half waving" of the load. Half waving of the load may destroy the power triac and the load. Figure 8 shows the dependency of the triac drivers IFT versus the reapplied voltage rise with a Vp of 400 V. This dv/dt condition simulates a worst case commutating dv/dt amplitude. It can be seen that the IFT does not change until a commutating dv/dt reaches 1000 V/ms. The data sheet specified IFT is therefore applicable for all practical inductive loads and load factors. Page 5 of 11
dv/dt (V/ s)
(c) 2003 Fairchild Semiconductor Corporation
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
Figure 9. Delay Time, t(d), and Fall Time, t(f), vs. LED Trigger Current
100
MOC3052-M
t(delay), t(f) versus IFT
The triac driver's turn on switching speed consists of a turn on delay time t(d) and a fall time t(f). Figure 9 shows that the delay time depends on the LED trigger current, while the actual trigger transition time t(f) stays constant with about one micro second. The delay time is important in very short pulsed operation because it demands a higher trigger current at very short trigger pulses. This dependency is shown in the graph IFT versus LED PW. The turn on transition time t(f) combined with the power triac's turn on time is important to the power dissipation of this device.
SCOPE IFT VTM EXT. SYNC ZERO CROSS DETECTOR 115 VAC
t(delay) AND t(fall) ( s)
10
t(d)
1
t(f)
0.1 10
20
30
40
50
60
I FT, LED TRIGGER CURRENT (mA)
+400 Vdc
RTEST
t(d) R = 1 k
ISOL. TRANSF.
t(f)
FUNCTION GENERATOR Vout
PHASE CTRL. PW CTRL. PERIOD CTRL. Vo AMPL. CTRL.
PULSE INPUT
MERCURY WETTED RELAY
VTM 10 k DUT
IFT
CTEST D.U.T.
X100 SCOPE PROBE
AC 100
APPLIED VOLTAGE WAVEFORM 0 VOLTS
Vmax = 400 V 252 V dv/dt = RC 0.63 V RC = 2
1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T. 2. 100x scope probes are used, to allow high speeds and voltages. 3. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. RC is measured at this point and recorded.
Figure 10. Static dv/dt Test Circuit
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
APPLICATIONS GUIDE
Basic Triac Driver Circuit
The new random phase triac driver family MOC3052-M and MOC3051-M are very immune to static dv/dt which allows snubberless operations in all applications where external generated noise in the AC line is below its guaranteed dv/dt withstand capability. For these applications a snubber circuit is not necessary when a noise insensitive power triac is used. Figure 11 shows the circuit diagram. The triac driver is directly connected to the triac main terminal 2 and a series Resistor R which limits the current to the triac driver. Current limiting resistor R must have a minimum value which restricts the current into the driver to maximum 1A. R = Vp AC/ITM max rep. = Vp AC/1A The power dissipation of this current limiting resistor and the triac driver is very small because the power triac carries the load current as soon as the current through driver and current limiting resistor reaches the trigger current of the power triac. The switching transition times for the driver is only one micro second and for power triacs typical four micro seconds.
VCC RLED TRIAC DRIVER POWER TRIAC RS MOV CS LOAD AC LINE R CONTROL RET. Q LOAD RLED = (VCC - V F LED - V sat Q)/IFT R = Vp AC line/ITSM VCC RLED TRIAC DRIVER
MOC3052-M
POWER TRIAC
Figure 11. Basic Driver Circuit
R CONTROL RET.
AC LINE
Triac Driver Circuit for Noisy Environments
When the transient rate of rise and amplitude are expected to exceed the power triacs and triac drivers maximum ratings a snubber circuit as shown in Figure 12 is recommended. Fast transients are slowed by the R-C snubber and excessive amplitudes are clipped by the Metal Oxide Varistor MOV. Triac Driver Circuit for Extremely Noisy Environments, as specified in the noise standards IEEE472 and IEC255-4. Industrial control applications do specify a maximum transient noise dv/dt and peak voltage which is superimposed onto the AC line voltage. In order to pass this environment noise test a modified snubber network as shown in Figure 13 is recommended.
Typical Snubber values RS = 33 , CS = 0.01 F MOV (Metal Oxide Varistor) protects triac and driver from transient overvoltages >VDRM max.
Figure 12. Triac Driver Circuit for Noisy Environments
POWER TRIAC VCC RLED TRIAC DRIVER R
RS MOV CS AC LINE
CONTROL LOAD RET. Recommended snubber to pass IEEE472 and IEC255-4 noise tests RS = 47 W, CS = 0.01 mF
Figure 13. Triac Driver Circuit for Extremely Noisy Environments
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
Package Dimensions (Through Hole)
0.350 (8.89) 0.320 (8.13) Pin 1 ID
MOC3052-M
Package Dimensions (Surface Mount)
0.350 (8.89) 0.320 (8.13)
Pin 1 ID 0.390 (9.90) 0.332 (8.43)
0.260 (6.60) 0.240 (6.10)
0.260 (6.60) 0.240 (6.10)
Seating Plane
Seating Plane
0.070 (1.77) 0.040 (1.02)
0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25)
0.320 (8.13)
0.014 (0.36) 0.010 (0.25)
0.320 (8.13)
0.200 (5.08) 0.115 (2.93)
0.200 (5.08) 0.115 (2.93)
0.012 (0.30) 0.008 (0.20)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 (2.54) 15 0.012 (0.30)
0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41)
0.100 [2.54] 0.035 (0.88) 0.006 (0.16)
Package Dimensions (0.4" Lead Spacing)
0.350 (8.89) 0.320 (8.13) Pin 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.260 (6.60) 0.240 (6.10)
0.060 (1.52)
0.070 (1.77) 0.040 (1.02)
Seating Plane
0.014 (0.36) 0.010 (0.25)
0.425 (10.79)
0.100 (2.54) 0.305 (7.75) 0.030 (0.76)
0.200 (5.08) 0.115 (2.93)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.012 (0.30) 0.008 (0.21) 0.425 (10.80) 0.400 (10.16)
NOTE All dimensions are in inches (millimeters)
(c) 2003 Fairchild Semiconductor Corporation
Page 8 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
ORDERING INFORMATION
Option S SD W 300 300W 3S 3SD Order Entry Identifier S SR2 T V TV SR2V SR2V Description Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
MOC3052-M
MARKING INFORMATION
1
MOC3051 V
3 4
2 6
X YY Q
5
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code, e.g., `3' Two digit work week ranging from `01' to `53' Assembly package code
*Note - Parts that do not have the `V' option (see definition 3 above) that are marked with date code `325' or earlier are marked in portrait format.
(c) 2003 Fairchild Semiconductor Corporation
Page 9 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M
Carrier Tape Specifications
12.0 0.1 4.85 0.20 0.30 0.05 4.0 0.1 4.0 0.1 O1.55 0.05 1.75 0.10
MOC3052-M
7.5 0.1 13.2 0.2 9.55 0.20 16.0 0.3
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
Reflow Profile (White Package, -M Suffix)
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 245C peak
230C, 10-30 s
Time above 183C, 120-180 sec Ramp up = 2-10C/sec * Peak reflow temperature: 245C (package surface temperature) * Time of temperature higher than 183C for 120-180 seconds * One time soldering reflow is recommended 3.5 4 4.5
3
Time (Minute)
(c) 2003 Fairchild Semiconductor Corporation
Page 10 of 11
4/14/03
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M MOC3052-M
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 11 of 11
4/14/03


▲Up To Search▲   

 
Price & Availability of MOC3051-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X